Part Number Hot Search : 
5KE75A IRFW540A 0000A MSM51 SF1006 HYB18 LM28505 KESRX01
Product Description
Full Text Search
 

To Download SIM-24MH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ceramic Surface Mount
Frequency Mixer WIDE BAND
Level 13 (LO Power +13 dBm) 7300 to 20000 MHz
Maximum Ratings
Operating Temperature Storage Temperature RF Power -40C to 85C -55C to 100C 50mW
SIM-24MH+
Features
* wide bandwidth, 7300 to 20000 MHz * low conversion loss, 5.7 dB typ. * high L-R isolation, 36 dB typ. * excellent IF BW, DC to 7500 MHz * LTCC double balanced mixer * tiny size, low profile, 0.08" * useable as up and down converter * aqueous washable * protected under U.S Patent 7,027,795 CASE STYLE: HV1195 PRICE: $11.95 ea. QTY (10-49)
For extended temperature range, consult factory.
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
Pin Connections
LO RF IF GROUND 8 4 2 1,3,5,6,7
Applications
* fixed satellite * mobile * radio location
Outline Drawing
FREQUENCY (MHz)
LO/RF fL-fU
Electrical Specifications
CONVERSION LOSS* (dB) LO-RF ISOLATION (dB) LO-IF ISOLATION (dB) IP3 at center band (dBm)
Typ. 20 16 18 25
IF
Typ.
Max.
Typ.
Min. 31 29 19 22
Typ. 19 18 15 25
Min. 13 13 10 16
PCB Land Pattern
7300-20000 DC-7500 7300-10000 7.0 0.2 8.5 43 10000-14500 5.7 0.1 7.5 36 14500-18000 7.6 0.3 9.3 26 18000-20000 8.5 0.3 10.9 28 1 dB COMPR. +9 dBm typ. * Conversion loss at 30 MHz IF. is a measure of repeatability from unit to unit.
Typical Performance Data
Frequency (MHz)
Suggested Layout, Tolerance to be within .002
Conversion Loss (dB)
LO LO +13dBm 6.65 6.32 6.12 7.38 7.00 6.73 6.29 5.93 5.84 5.55 5.70 5.74 6.21 6.80 6.92 7.08 7.94 8.16 7.75 9.60
Isolation L-R (dB)
LO +13dBm 43.77 39.57 35.84 48.14 48.23 45.78 42.22 40.36 35.97 34.02 33.28 34.81 36.04 35.11 31.74 27.52 26.56 29.19 31.50 26.59
Isolation L-I (dB)
LO +13dBm 18.89 19.63 20.35 19.20 17.30 16.83 17.92 19.17 18.67 18.08 18.18 19.35 21.54 28.80 22.63 16.03 15.86 24.93 28.10 22.49
VSWR RF Port (:1)
LO +13dBm 3.94 3.47 2.76 4.81 3.84 3.38 3.17 2.35 1.99 1.92 1.48 1.87 2.52 2.98 2.49 2.47 4.43 2.49 3.12 2.54
VSWR LO Port (:1)
LO +13dBm 6.09 8.37 4.99 2.76 2.56 2.62 3.22 2.25 3.49 2.31 2.28 2.77 3.07 4.28 3.20 2.97 1.25 1.99 2.04 1.27
RF 7300.00 7500.00 8000.00 9000.00 9500.00 10000.00 10500.00 11000.00 12000.00 12500.00 13000.00 14000.00 14500.00 15000.00 15500.00 16000.00 17000.00 18000.00 19000.00 20000.00
Outline Dimensions ( inch ) mm
A .200 5.08 H .050 1.27 B .180 4.57 J .030 0.76 C .087 2.21 K .060 1.52 D .025 0.64 L 0.238 6.05 E .050 1.27 M 0.144 3.66 F .028 0.71 G .043 1.09
7330.10 7530.10 8030.10 9030.10 9530.10 10030.10 10530.10 11030.10 12030.10 12530.10 13030.10 14030.10 14530.10 15030.10 15530.10 16030.10 17030.10 18030.10 19030.10 20030.10
N wt 0.065 grams 1.65 0.08
Demo Board MCL P/N: TB-458+ Suggested PCB Layout (PL-284)
Electrical Schematic
Mini-Circuits
ISO 9001 ISO 14001 CERTIFIED RF/IF MICROWAVE COMPONENTS
(R)
EW ALL N
minicircuits.com
REV. A M116611 SIM-24MH+ ED-13229/1 DJ/CP/AM 080317 Page 1 of 2
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
Performance Charts
SIM-24MH+ CONVERSION LOSS 13
SIM-24MH+
SIM-24MH+ CONVERSION LOSS VARIABLE IF 12 CONVERSION LOSS (dB)
LO=18000 MHz
CONVERSION LOSS (dB)
LO=+10dBm 11
LO=+13dBm
LO=+16dBm
LO=+10dBm 10 8 6 4
LO=+13dBm
LO=+16dBm
9
7
5 7000
9000
11000 13000 15000 17000 19000 21000 FREQUENCY (MHz) SIM-24MH+ L-R ISOLATION
0
1500
3000
4500
6000
7500
IF FREQUENCY (MHz)
SIM-24MH+ L-I ISOLATION 40 35 ISOLATION (dB) 30 25 20 15 LO=+10dBm LO=+13dBm LO=+16dBm
50 45 ISOLATION (dB) 40 35 30 25 LO=+10dBm 20 7000 9000 LO=+13dBm LO=+16dBm
11000 13000 15000 17000 19000 21000 FREQUENCY (MHz) SIM-24MH+ LO VSWR
10 7000
9000
11000 13000 15000 17000 19000 21000 FREQUENCY (MHz) SIM-24MH+ RF VSWR
13.0 LO=+10dBm 10.0 LO=+13dBm LO=+16dBm
7.0 6.0 5.0 LO=+10dBm LO=+13dBm LO=+16dBm
VSWR
VSWR
7.0
4.0 3.0
4.0 2.0 1.0 7000 1.0 7000
9000
11000 13000 15000 17000 19000 21000 FREQUENCY (MHz) SIM-24MH+ IF VSWR
9000
11000 13000 15000 17000 19000 21000 FREQUENCY (MHz) SIM-24MH+ IP3
6.0 LO=+10dBm 5.0 VSWR 4.0 3.0 2.0 1.0 0 1500 3000 4500 IF FREQUENCY (MHz) 6000 7500 IP3 (dBm) LO=+13dBm LO=+16dBm
40 LO=+10dBm 35 30 25 20 15 10 7000 LO=+13dBm LO=+16dBm
9000
(R)
11000 13000 15000 17000 19000 21000 FREQUENCY (MHz)
EW ALL N
Mini-Circuits
ISO 9001 ISO 14001 CERTIFIED RF/IF MICROWAVE COMPONENTS
minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SIM-24MH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X